Electronic Components Datasheet Search
  English  ▼

X  

B3744 Datasheet(PDF) 3 Page - EPCOS

Part # B3744
Description  SAW filter Short range devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3744 Datasheet(HTML) 3 Page - EPCOS

  B3744 Datasheet HTML 1Page - EPCOS B3744 Datasheet HTML 2Page - EPCOS B3744 Datasheet HTML 3Page - EPCOS B3744 Datasheet HTML 4Page - EPCOS B3744 Datasheet HTML 5Page - EPCOS B3744 Datasheet HTML 6Page - EPCOS B3744 Datasheet HTML 7Page - EPCOS B3744 Datasheet HTML 8Page - EPCOS B3744 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
June 11, 2010
B3744
868.30 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –45 ˚C to +105 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
868.30
—
MHz
Minimum insertion attenuation
α
min
incl. loss in matching elements
—
3.0
3.7
dB
excl. loss in matching elements
—
2.4
3.1
dB
Pass band (relative to
α
min)
868.10 ...
868.50 MHz
—
0.4
1.5
dB
868.00 ...
868.60 MHz
—
0.5
3.0
dB
Relative attenuation (relative to
α
min)
α
rel
10.00 ...
620.00 MHz
55
60
—
dB
620.00 ...
750.00 MHz
45
50
—
dB
750.00 ...
857.00 MHz
40
44
—
dB
857.00 ...
861.00 MHz
36
40
—
dB
861.00 ...
866.80 MHz
22
26
—
dB
866.80 ...
867.20 MHz
10
27
—
dB
869.80 ...
871.50 MHz
15
20
—
dB
871.50 ...
887.50 MHz
28
35
—
dB
887.50 ... 1000.00 MHz
42
46
—
dB
1000.00 ... 2500.00 MHz
50
54
—
dB
Impedance for pass band matching1)
1)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #4.
Input:
ZIN
=RIN
|| CIN
—
290 || 1.3
—
Ω || pF
Output: ZOUT =ROUT || COUT
—
290 || 1.3
—
Ω || pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com