Electronic Components Datasheet Search
  English  ▼

X  

R1200 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # R1200
Description  HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

R1200 Datasheet(HTML) 1 Page - Rectron Semiconductor

  R1200 Datasheet HTML 1Page - Rectron Semiconductor R1200 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH VOLTAGE SILICON RECTIFIER
VOLTAGE RANGE 1200 to 2000 Volts
CURRENT 0.2 to 0.5 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
R1200
THRU
R2000
DO-41
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
Dimensions in inches and (millimeters)
NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.35 gram
2001-6
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 50
oC
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
mAmps
500
30
-65 to + 175
Amps
pF
0 C
UNITS
R1200
1200
R1800
R2000
R1500
1800
1500
2000
840
1260
1050
1400
1200
1800
1500
2000
200
30
at Rated DC Blocking Voltage
CHARACTERISTICS
Maximum Full Load Reverse Current Average, Full Cycle
VF
SYMBOL
IR
UNITS
2.0
5.0
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 0.5A/0.2A DC
Volts
@TA = 25
oC
@TA =100
oC
3.0
50
.375”, (9.5mm) lead length at TL = 75
oC
R1200
R1800
R2000
R1500
30
uAmps
1.0 (25.4)
MIN.
.166 (4.2)
.205 (5.2)
1.0 (25.4)
MIN.
.107 (2.7)
.080 (2.0)
DIA.
.034 (0.9)
.028 (0.7)
DIA.


Similar Part No. - R1200

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
R1200 ZOWIE-R1200 Datasheet
41Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Bytes
R1200 BYTES-R1200 Datasheet
145Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Dc Components
R1200 DCCOM-R1200 Datasheet
330Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE SILICON RECTIFIER
logo
Formosa MS
R1200 FORMOSA-R1200 Datasheet
30Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
GOOD-ARK Electronics
R1200 GOOD-ARK-R1200 Datasheet
40Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
More results

Similar Description - R1200

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R1200F RECTRON-R1200F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
R2500 RECTRON-R2500 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
WILLAS ELECTRONIC CORP
R1200F WILLAS-R1200F Datasheet
446Kb / 2P
VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere
R1200 WILLAS-R1200 Datasheet
412Kb / 2P
VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere
logo
GOOD-ARK Electronics
R1200F GOOD-ARK-R1200F_15 Datasheet
122Kb / 2P
High Voltage Fast Recovery RectifiersReverse Voltage 1200 to 2000 Volts Forward Current 0.2 to 0.5 Ampere
R1200 GOOD-ARK-R1200_15 Datasheet
116Kb / 2P
High Voltage Silicon Rectifiers Reverse Voltage 1200 to 2000 Volts Forward Current 0.2 to 0.5 Ampere
logo
Rectron Semiconductor
FM3500W RECTRON-FM3500W Datasheet
128Kb / 6P
HIGH VOLTAGE RECTIFIER VOLTAGE RANGE 1200 to 3500 Volts CURRENT 0.2 to 0.5 Ampere
R2000G RECTRON-R2000G Datasheet
251Kb / 5P
SURFACE MOUNT GLASS PASSIVATED HIGH VOLTAGE SILICON RECTIFIER VOLTAGE RANGE 2000 to 0.5/0.2 Ampere
R2000H RECTRON-R2000H Datasheet
468Kb / 5P
HIGH VOLTAGE FAST RECOVERY RECTIFIER VOLTAGE RANGE 2000 Volts CURRENT 0.5 Ampere
FR1200G RECTRON-FR1200G Datasheet
721Kb / 5P
FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 1200 to 3200 Volts CURRENT 0.5 to 0.2 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com