Electronic Components Datasheet Search
  English  ▼

X  

B3780 Datasheet(PDF) 3 Page - EPCOS

Part # B3780
Description  SAW filter Short range devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3780 Datasheet(HTML) 3 Page - EPCOS

  B3780 Datasheet HTML 1Page - EPCOS B3780 Datasheet HTML 2Page - EPCOS B3780 Datasheet HTML 3Page - EPCOS B3780 Datasheet HTML 4Page - EPCOS B3780 Datasheet HTML 5Page - EPCOS B3780 Datasheet HTML 6Page - EPCOS B3780 Datasheet HTML 7Page - EPCOS B3780 Datasheet HTML 8Page - EPCOS B3780 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
July 24, 2008
B3780
433.92 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +105 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
433.92
—
MHz
Minimum insertion attenuation
α
min
incl. loss in matching elements
—
2.0
2.8
dB
excl. loss in matching elements
—
1.6
2.4
dB
Pass band (relative to
α
min)
433.645 ...
434.165MHz
—
0.9
3.0
dB
433.645 ...
434.195MHz
—
0.9
4.51)
1) 3.0dB for –40˚C to +85˚C
dB
Filter bandwidth
α
rel≤3 dB
780
850
920
kHz
Relative attenuation (relative to
α
min)
α
rel
10.00 ...
414.00 MHz
48
53
—
dB
414.00 ...
425.00 MHz
42
47
—
dB
425.00 ...
431.50 MHz
28
33
—
dB
431.50 ...
433.00 MHz
18
21
—
dB
434.92 ...
443.00 MHz
14
18
—
dB
443.00 ...
530.00 MHz
36
41
—
dB
530.00 ...
670.00 MHz
55
60
—
dB
670.00 ...
830.00 MHz
45
50
—
dB
830.00 ... 1000.00 MHz
60
65
—
dB
1000.00 ... 2500.00 MHz
43
48
—
dB
Impedance for pass band matching2)
2)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #4.
Input:
ZIN
=RIN
|| CIN
—
330 || 1.9
—
Ω || pF
Output: ZOUT =ROUT || COUT
—
330 || 1.9
—
Ω || pF
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
6
V
Source power
PS
10
dBm
source impedance 50
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com