Electronic Components Datasheet Search
  English  ▼

X  

B3822 Datasheet(PDF) 3 Page - EPCOS

Part # B3822
Description  SAW filter Trunked Radio
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3822 Datasheet(HTML) 3 Page - EPCOS

  B3822 Datasheet HTML 1Page - EPCOS B3822 Datasheet HTML 2Page - EPCOS B3822 Datasheet HTML 3Page - EPCOS B3822 Datasheet HTML 4Page - EPCOS B3822 Datasheet HTML 5Page - EPCOS B3822 Datasheet HTML 6Page - EPCOS B3822 Datasheet HTML 7Page - EPCOS B3822 Datasheet HTML 8Page - EPCOS B3822 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
April 06, 2009
B3822
392.50 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= +15 ˚C to +35 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
392.5
—
MHz
Maximum insertion attenuation
α
max
390.0
...
395.0
MHz
—
2.7
3.5
dB
Amplitude ripple (p-p)
∆α
390.0
...
395.0
MHz
—
0.6
1.4
dB
VSWR
390.0
...
395.0
MHz
—
1.65:1
2.0:1
Attenuation
α
0.1
...
350.0
MHz
40
60
—
dB
350.0
...
385.0
MHz
25
35
—
dB
430.0
...
885.0
MHz
40
45
—
dB
885.0
... 2000.0
MHz
20
25
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com