Electronic Components Datasheet Search
  English  ▼

X  

P1708C Datasheet(PDF) 3 Page - ON Semiconductor

Part # P1708C
Description  Notebook LCD Panel EMI Reduction IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P1708C Datasheet(HTML) 3 Page - ON Semiconductor

  P1708C Datasheet HTML 1Page - ON Semiconductor P1708C Datasheet HTML 2Page - ON Semiconductor P1708C Datasheet HTML 3Page - ON Semiconductor P1708C Datasheet HTML 4Page - ON Semiconductor P1708C Datasheet HTML 5Page - ON Semiconductor P1708C Datasheet HTML 6Page - ON Semiconductor P1708C Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P1708C
Rev. 2 | Page 3 of 7 | www.onsemi.com
Spread Range Selection
SR1
SR0
Spreading Range
Modulation Rate
0
0
±1.00%
(FIN/40) * 62.49KHz
0
1
±2.00%
(FIN/40) * 62.49KHz
1
0
±0.25%
(FIN/40) * 62.49KHz
1
1
±0.75%
(FIN/40) * 62.49KHz
Schematic for Notebook VGA Application
Note: To set the P1708C to standby mode, disable the input clock (pin 1 CLKIN) and pull SSON (pin 5) low. Refer to Standby Mode
Selection Table.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +7.0
V
TSTG
Storage temperature
-65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Operating Conditions
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
2.7
3.7
V
TA
Operating Temperature (Ambient Temperature)
-40
+85
°C
CL
Load Capacitance
15
pF
CIN
Input Capacitance
7
pF
Pin 8 can be tied either high or low,
or it can be left unconnected.
Tie SR0 and SR1 high / low
according to spread range desired.
External resistors are not needed to
pull these pins high.
Pin 5 SSON should be left unconnected to turn on
spread spectrum. Pull this pin low to turn spread
spectrum OFF and enable stand-by mode.
50MHz to 110MHz pixel clock input
from VGA chip.
FB
VDD
0.1µF
1
2
4
3
8
7
5
6
CLKIN
VDD
VSS
ModOUT
SSON
SR1
SR0
NC
P1708C
50MHz to 110MHz Pixel Clock
Input from VGA Chip.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com