Electronic Components Datasheet Search
  English  ▼

X  

PACDN004 Datasheet(PDF) 3 Page - ON Semiconductor

Part # PACDN004
Description  2-Channel ESD Protection Array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN004 Datasheet(HTML) 3 Page - ON Semiconductor

  PACDN004 Datasheet HTML 1Page - ON Semiconductor PACDN004 Datasheet HTML 2Page - ON Semiconductor PACDN004 Datasheet HTML 3Page - ON Semiconductor PACDN004 Datasheet HTML 4Page - ON Semiconductor PACDN004 Datasheet HTML 5Page - ON Semiconductor PACDN004 Datasheet HTML 6Page - ON Semiconductor PACDN004 Datasheet HTML 7Page - ON Semiconductor PACDN004 Datasheet HTML 8Page - ON Semiconductor PACDN004 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PACDN004
Rev. 3 | Page 3 of 9 | www.onsemi.com
PIN DESCRIPTIONS
PIN
NAME
TYPE
DESCRIPTION
1
V
N
Gnd
Negative voltage supply rail or ground reference rail
2
CH1
I/O
ESD Channel 1
3
CH2
I/O
ESD Channel 2
4
V
P
Supply
Positive voltage supply rail
Ordering Information
PART NUMBERING INFORMATION
Pins
Package
Ordering Part Number
1
Part Marking
4
SOT-143
PACDN004SR
D014
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Supply Voltage (V
P - VN)
6.0
V
Diode Forward DC Current (Note 1)
20
mA
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
DC Voltage at any channel input
(V
N - 0.5) to (VP + 0.5)
V
Package Power Rating
225
mW
Note 1: Only one diode conducting at a time.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com