Electronic Components Datasheet Search
  English  ▼

X  

B3882 Datasheet(PDF) 1 Page - EPCOS

Part # B3882
Description  Low-Loss Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3882 Datasheet(HTML) 1 Page - EPCOS

  B3882 Datasheet HTML 1Page - EPCOS B3882 Datasheet HTML 2Page - EPCOS B3882 Datasheet HTML 3Page - EPCOS B3882 Datasheet HTML 4Page - EPCOS B3882 Datasheet HTML 5Page - EPCOS B3882 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SAW Components
Data Sheet B3882


Similar Part No. - B3882

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3881 EPCOS-B3881 Datasheet
73Kb / 7P
SAW Components Low-Loss Filter 168,96 MHz
B3883 EPCOS-B3883 Datasheet
70Kb / 6P
Low-Loss Filter
B3884 EPCOS-B3884 Datasheet
67Kb / 6P
SAW Components Low-Loss Filter 439,25 MHz
B3886 EPCOS-B3886 Datasheet
69Kb / 6P
SAW Components Low-Loss Filter 121,00 MHz
More results

Similar Description - B3882

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B7745 ETC1-B7745 Datasheet
54Kb / 7P
Low-Loss Filter
B3562 ETC1-B3562 Datasheet
73Kb / 6P
LOW-LOSS FILTER
B3844 ETC1-B3844 Datasheet
61Kb / 5P
LOW-LOSS FILTER
logo
EPCOS
B3677 EPCOS-B3677 Datasheet
103Kb / 7P
Low-Loss Filter
B9016 EPCOS-B9016 Datasheet
64Kb / 5P
Low-Loss Filter
B3691 EPCOS-B3691 Datasheet
63Kb / 7P
Low-Loss Filter
B3521 EPCOS-B3521 Datasheet
72Kb / 6P
Low Loss Filter
B3655 EPCOS-B3655 Datasheet
72Kb / 6P
Low-Loss Filter
B3574 EPCOS-B3574_1 Datasheet
78Kb / 6P
Low Loss Filter
B3883 EPCOS-B3883 Datasheet
70Kb / 6P
Low-Loss Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com