Electronic Components Datasheet Search
  English  ▼

X  

PACDN042 Datasheet(PDF) 5 Page - ON Semiconductor

Part # PACDN042
Description  Transient Voltage Suppressors and ESD Protectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN042 Datasheet(HTML) 5 Page - ON Semiconductor

  PACDN042 Datasheet HTML 1Page - ON Semiconductor PACDN042 Datasheet HTML 2Page - ON Semiconductor PACDN042 Datasheet HTML 3Page - ON Semiconductor PACDN042 Datasheet HTML 4Page - ON Semiconductor PACDN042 Datasheet HTML 5Page - ON Semiconductor PACDN042 Datasheet HTML 6Page - ON Semiconductor PACDN042 Datasheet HTML 7Page - ON Semiconductor PACDN042 Datasheet HTML 8Page - ON Semiconductor PACDN042 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
PACDN042/43/44/45/46
Rev. 4 | Page 5 of 24 | www.onsemi.com
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
C
Capacitance
T
A = 25°C, 2.5VDC, 1MHz
30
pF
I
R=10μA, TA = 25°C
5.5
V
V
RSO
Reverse Stand-off Voltage
I
R=1mA, TA = 25°C
6.1
V
I
LEAK
Leakage Current
V
IN=5.0VDC, TA = 25°C
1
100
nA
V
SIG
Small Signal Clamp Voltage
Positive Clamp
Negative Clamp
I = 10mA, T
A = 25°C
I = -10mA, T
A = 25°C
6.2
-0.4
6.8
-0.8
8
-1.2
V
V
V
ESD
ESD Withstand Voltage
Human Body Model, MIL-STD-883,
Method 3015
Contact Discharge per IEC 61000-4-2
standard
Note 1
Note 1
+30
+20
kV
kV
R
D
Diode Dynamic Resistance
Forward Conduction
Reverse Conduction
1.0
1.4
Ω
Ω
Note 1: ESD voltage applied between channel pins & ground, one pin at a time; all other channel pins open; all GND pins
grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com