Electronic Components Datasheet Search
  English  ▼

X  

PACDN043 Datasheet(PDF) 7 Page - ON Semiconductor

Part # PACDN043
Description  Transient Voltage Suppressors and ESD Protectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN043 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button PACDN043 Datasheet HTML 3Page - ON Semiconductor PACDN043 Datasheet HTML 4Page - ON Semiconductor PACDN043 Datasheet HTML 5Page - ON Semiconductor PACDN043 Datasheet HTML 6Page - ON Semiconductor PACDN043 Datasheet HTML 7Page - ON Semiconductor PACDN043 Datasheet HTML 8Page - ON Semiconductor PACDN043 Datasheet HTML 9Page - ON Semiconductor PACDN043 Datasheet HTML 10Page - ON Semiconductor PACDN043 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
PACDN042/43/44/45/46
Rev. 4 | Page 7 of 24 | www.onsemi.com
Mechanical Details
The PACDN042/43/44/45/46 devices are available in the following packages: SOT23-3, SOT23-5, SOT23-6,
SC70-3, SC70-5, SC70-6, SOT143, TSSOP-8, and MSOP-8.
SOT23-3 Mechanical Specifications
The PACDN042Y3R is supplied in a 3-pin SOT23 package. Dimensions are presented below.
PACKAGE DIMENSIONS
Package
SOT23-3 (JEDEC name is TO-236)
JEDEC No.
TO-236 (Var. AB)
Pins/Leads
3
Millimeters
Inches
Dimensions
Min
Max
Min
Max
A
0.89
1.12
0.0350
0.0441
A1
0.01
0.10
0.0004
0.0039
b
0.30
0.50
0.0118
0.0197
c
0.08
0.20
0.0031
0.0079
D
2.80
3.04
0.1102
0.1197
E
2.10
2.64
0.0827
0.1039
E1
1.20
1.40
0.0472
0.0551
e
0.95 BSC
0.0374 BSC
e1
1.90 BSC
0.0748 BSC
L
0.40
0.60
0.0157
0.0236
L1
0.54 REF
0.0213 REF
# per tape
and reel
3000 pieces
Controlling dimension: millimeters
TOP VIEW
e
E1 E
A
SIDE VIEW
L1
END VIEW
D
A1
c
12
e1
b
L
3
Package Dimensions for SOT23-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com