Electronic Components Datasheet Search
  English  ▼

X  

PACDN044 Datasheet(PDF) 22 Page - ON Semiconductor

Part # PACDN044
Description  Transient Voltage Suppressors and ESD Protectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN044 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button PACDN044 Datasheet HTML 16Page - ON Semiconductor PACDN044 Datasheet HTML 17Page - ON Semiconductor PACDN044 Datasheet HTML 18Page - ON Semiconductor PACDN044 Datasheet HTML 19Page - ON Semiconductor PACDN044 Datasheet HTML 20Page - ON Semiconductor PACDN044 Datasheet HTML 21Page - ON Semiconductor PACDN044 Datasheet HTML 22Page - ON Semiconductor PACDN044 Datasheet HTML 23Page - ON Semiconductor PACDN044 Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
PACDN042/43/44/45/46
Rev. 4 | Page 22 of 24 | www.onsemi.com
TSSOP-8 Tape and Reel Specifications
PART NUMBER
PACKAGE SIZE
(mm)
POCKET SIZE (mm)
B
0 X A0 X K0
TAPE WIDTH
W
REEL
DIAMETER
QTY PER
REEL
P
0
P
1
PACDN044TR
3.00 X 6.38 X 1.10
3.40 X 6.80 X 1.60
12mm
330mm (13")
2500
4mm
8mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com