Electronic Components Datasheet Search
  English  ▼

X  

EC11 Datasheet(PDF) 2 Page - Schurter Inc.

Part # EC11
Description  IEC Appliance Inlet C20 with Line Switch, 1- or 2-pole
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

EC11 Datasheet(HTML) 2 Page - Schurter Inc.

  EC11 Datasheet HTML 1Page - Schurter Inc. EC11 Datasheet HTML 2Page - Schurter Inc. EC11 Datasheet HTML 3Page - Schurter Inc. EC11 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image

Power entry modules without line filter
EC
www.schurter.com/pg05
Connectors
Dimensions
67mm
Screw on PCB mounting
3.3
6.4
S
32.5
26.6
4.8
+0.05
-0.10
32.2
36
31.6
ca. 52
2.3
±0.05
R 2.8
±0.05
0.8
31.7
+0.05
-0.08
±0.10
3.6
Snap-in mounting
S
32.5
26.6
4.8
+0.05
-0.10
32.2
36
31.6
ca. 52
2.3±0.05
31.7
+0.05
-0.08
±0.05
+0.05
-0.10
Diagrams
Line switch non-illuminated
1) Line
2) Load
Line switch illuminated
1) Line
2) Load



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com