Electronic Components Datasheet Search
  English  ▼

X  

EC12 Datasheet(PDF) 2 Page - Schurter Inc.

Part # EC12
Description  IEC Appliance Inlet C14 with Filter, Line Switch 2-pole
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

EC12 Datasheet(HTML) 2 Page - Schurter Inc.

  EC12 Datasheet HTML 1Page - Schurter Inc. EC12 Datasheet HTML 2Page - Schurter Inc. EC12 Datasheet HTML 3Page - Schurter Inc. EC12 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Power Entry Modules with Line Filter
EC2
www.schurter.com/pg06
EMC Products
Dimensions
59.5mm
3.3
6.4
S
33.9
59.5
9.5
5.3
32.2
37
31.1
2.8
R 2.8
0.8
32.9
±0.10
3.6
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Internally wired
Inductances
L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
R [M
Ω]
12
Standard Version
prewired
2 x 0.8
100
2.2
1
16
Standard Version
prewired
2 x 0.6
100
2.2
1
20
Standard Version
prewired
2 x 0.3
100
2.2
1
12
Medical Version (M5)
prewired
2 x 0.8
100
-
1
16
Medical Version (M5)
prewired
2 x 0.6
100
-
1
20
Medical Version (M5)
prewired
2 x 0.3
100
-
1
Diagrams
Standard version
1) Line
2) Load
Medical version (M5)
1) Line
2) Load
Attenuation Loss
----differentialmode_____commonmode
Standardversion
12 A
16 A
20 A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com