Electronic Components Datasheet Search
  English  ▼

X  

B3893 Datasheet(PDF) 3 Page - EPCOS

Part # B3893
Description  SAW IF filter GSM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3893 Datasheet(HTML) 3 Page - EPCOS

  B3893 Datasheet HTML 1Page - EPCOS B3893 Datasheet HTML 2Page - EPCOS B3893 Datasheet HTML 3Page - EPCOS B3893 Datasheet HTML 4Page - EPCOS B3893 Datasheet HTML 5Page - EPCOS B3893 Datasheet HTML 6Page - EPCOS B3893 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
February 28, 2008
B3893
248.6 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Application
s
Low-loss IF filter for GSM base station
s
Clean-up filter
s
Ceramic SMD package
Features
s
Package size 7.0 x 5.0 x 1.33 mm3
s
Package code QCC12C
s
RoHS compatible
s
Approximate weight 0.25 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Filter surface passivated
Pin configuration
s
12
Input
s
2
Input ground
s
4, 6
Balanced output
s
1, 7, 8, 10 To be grounded
s
3, 9
Case ground
12
2
3,9
6
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com