Electronic Components Datasheet Search
  English  ▼

X  

B3905 Datasheet(PDF) 3 Page - EPCOS

Part # B3905
Description  SAW RF filter Short range devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3905 Datasheet(HTML) 3 Page - EPCOS

  B3905 Datasheet HTML 1Page - EPCOS B3905 Datasheet HTML 2Page - EPCOS B3905 Datasheet HTML 3Page - EPCOS B3905 Datasheet HTML 4Page - EPCOS B3905 Datasheet HTML 5Page - EPCOS B3905 Datasheet HTML 6Page - EPCOS B3905 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
February 05, 2010
B3905
315.00 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 200 Ω (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
315.0
—
MHz
Maximum insertion attenuation
α
max
314.5
...
315.5
MHz
—
1.3
1.7
dB
Amplitude ripple (p-p)
∆α
314.5
...
315.5
MHz
—
0.3
0.8
dB
VSWR
Input
314.5
...
315.5
MHz
—
1.2
1.6
Output
314.5
...
315.5
MHz
—
1.2
1.6
Attenuation
α
10.0
...
225.0
MHz
55
60
—
dB
225.0
...
285.0
MHz
50
55
—
dB
285.0
...
305.0
MHz
30
35
—
dB
330.0
...
350.0
MHz
20
25
—
dB
350.0
...
450.0
MHz
45
50
—
dB
450.0
... 1000.0
MHz
55
60
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com