Electronic Components Datasheet Search
  English  ▼

X  

PACDN044TR Datasheet(PDF) 13 Page - ON Semiconductor

Part # PACDN044TR
Description  Transient Voltage Suppressors and ESD Protectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN044TR Datasheet(HTML) 13 Page - ON Semiconductor

Back Button PACDN044TR Datasheet HTML 9Page - ON Semiconductor PACDN044TR Datasheet HTML 10Page - ON Semiconductor PACDN044TR Datasheet HTML 11Page - ON Semiconductor PACDN044TR Datasheet HTML 12Page - ON Semiconductor PACDN044TR Datasheet HTML 13Page - ON Semiconductor PACDN044TR Datasheet HTML 14Page - ON Semiconductor PACDN044TR Datasheet HTML 15Page - ON Semiconductor PACDN044TR Datasheet HTML 16Page - ON Semiconductor PACDN044TR Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PACDN042/43/44/45/46
Rev. 4 | Page 13 of 24 | www.onsemi.com
Mechanical Details (continued)
SOT23-5 Mechanical Specifications
The PACDN044Y5R is supplied in a 5-pin SOT23 package. DImensions are presented below.
PACKAGE DIMENSIONS
Package
SOT23-5
JEDEC No.
MO-178 (Var. AA)
Pins/Leads
5
Millimeters
Inches
Dimensions
Min
Max
Min
Max
A
--
1.45
--
0.0571
A1
0.00
0.15
0.0000
0.0059
b
0.30
0.50
0.0118
0.0197
c
0.08
0.22
0.0031
0.0087
D
2.75
3.05
0.1083
0.1201
E
2.60
3.00
0.1024
0.1181
E1
1.45
1.75
0.0571
0.0689
e
0.95 BSC
0.0374 BSC
e1
1.90 BSC
0.0748 BSC
L
0.30
0.60
0.0118
0.0236
L1
0.60 REF
0.0236 REF
# per tape
and reel
3000 pieces
Controlling dimensions: millimeters
TOP VIEW
54
e1
e
E1 E
b
A
SIDE VIEW
D
A1
L1
END VIEW
c
L
12
3
Package Dimensions for SOT23-5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com