Electronic Components Datasheet Search
  English  ▼

X  

B3908 Datasheet(PDF) 3 Page - EPCOS

Part # B3908
Description  SAW RF filter Automotive telematics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3908 Datasheet(HTML) 3 Page - EPCOS

  B3908 Datasheet HTML 1Page - EPCOS B3908 Datasheet HTML 2Page - EPCOS B3908 Datasheet HTML 3Page - EPCOS B3908 Datasheet HTML 4Page - EPCOS B3908 Datasheet HTML 5Page - EPCOS B3908 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
April 20, 2010
B3908
881.50 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +95 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
881.50
—
MHz
Maximum insertion attenuation
α
max
869.0
...
894.0
MHz
—
2.6
3.2
dB
Amplitude ripple (p-p)
∆α
869.0
...
894.0
MHz
—
1.1
1.7
dB
VSWR
869.0
...
894.0
MHz
—
1.7
2.0
Attenuation
α
10.0
...
820.0
MHz
40
50
—
dB
820.0
...
849.0
MHz
35
45
—
dB
970.0
...
997.0
MHz
35
60
—
dB
997.0
... 1150.0
MHz
40
60
—
dB
1150.0
... 1500.0
MHz
35
50
—
dB
1500.0
... 2000.0
MHz
30
40
—
dB
2000.0
... 3000.0
MHz
20
25
—
dB
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
6
V
Input power
PIN
18
dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com