Electronic Components Datasheet Search
  English  ▼

X  

FAP Datasheet(PDF) 1 Page - Schurter Inc.

Part # FAP
Description  Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, vertical, PC1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FAP Datasheet(HTML) 1 Page - Schurter Inc.

  FAP Datasheet HTML 1Page - Schurter Inc. FAP Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Fuseholders
FAP
www.schurter.com/pg02
Fuses
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, vertical, PC1
Fingergrip
250 VAC · 1.6W/6.3A (VDE)
Description
-ShocksafeCategoryPC1
-Verticalstyle
Standards
-IEC60127-6
Approvals
-VDELicenseNumber:40013508
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
ShocksafeCategory
PC1
Fuse-Link
5x20mm
Mounting
PCB
Terminal
SolderTHT
RatedVoltage
250VAC
RatedCurrent
6.3A(VDE)
RatedPowerAcceptanceIEC 1.6W/6.3A@Ta23°C
Admissiblepoweracceptanceathig-
herambienttemperatureseederating
curves
DegreeofProtection
IP40
ProtectionClass
Suitableforapplianceswithprotection
class1or2acc.toIEC61140
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Socket
Thermoset,black,UL94V-0
Material:Terminals
Tin-PlatedCopperAlloy
UnitWeight(Socket/Cap)
4.8g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Type,Voltage,Current
SolderingMethods
Wave
Solderability
235°C/2secacc.toIEC60068-2-20,
TestTa,method1
ResistancetoSolderingHeat
260°C/10secacc.toIEC60068-2-20,
TestTb,method1A
ContactResistance
<5m
Ωat20mV
DielectricStrength
>3kVbetweenL-N
(50Hz;1min)
ImpulseWithstandVoltage
>4kVbetweenL-N
InsulationResistance
>10M
ΩbetweenL-N
(500VDC;1min)
OvervoltageCategory
I-IIIacc.toIEC60664-1
PollutionDegree
1-3acc.toIEC60664-1
Abmessungen
29.6mm
7.5
1.1
1.8
ø 9.5
6
Variant 0031.3601
7.5
+0.2
0
3.5
4
Drilling diagram


Similar Part No. - FAP

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FAP SCHURTER-FAP Datasheet
247Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, vertical, PC1
logo
M-System Co.,Ltd.
FAP MSYSTEM-FAP Datasheet
128Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
Schurter Inc.
FAP SCHURTER-FAP Datasheet
258Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, vertical, PC1
04.01.2022
logo
M-System Co.,Ltd.
FAP-01-K MSYSTEM-FAP-01-K Datasheet
128Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FAP-01-K/Q MSYSTEM-FAP-01-K/Q Datasheet
128Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FAP

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
231411 SCHURTER-231411 Datasheet
198Kb / 1P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Solder
231529P SCHURTER-231529P Datasheet
230Kb / 1P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, NF
FAS SCHURTER-FAS Datasheet
367Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
FEP SCHURTER-FEP Datasheet
225Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
FAP SCHURTER-FAP_18 Datasheet
247Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, vertical, PC1
FAS SCHURTER-FAS_18 Datasheet
249Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
FEP SCHURTER-FEP_18 Datasheet
275Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
FEP SCHURTER-FEP_V01 Datasheet
289Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
FAS SCHURTER-FAS_V02 Datasheet
261Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
04.01.2022
FAP SCHURTER-FAP_V01 Datasheet
258Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, vertical, PC1
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com