Electronic Components Datasheet Search
  English  ▼

X  

FAS Datasheet(PDF) 1 Page - Schurter Inc.

Part # FAS
Description  Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FAS Datasheet(HTML) 1 Page - Schurter Inc.

  FAS Datasheet HTML 1Page - Schurter Inc. FAS Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Fuseholders
FAS
www.schurter.com/pg02
Fuses
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
Fingergrip
250 VAC · 1.6W/6.3A
Description
-ShocksafeCategoryPC1
Standards
-IEC60127-6
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
ShocksafeCategory
PC1
Fuse-Link
5x20mm
Mounting
PCB
Terminal
SolderTHT
RatedVoltage
250VAC
RatedCurrent
6.3A
RatedPowerAcceptanceIEC 1.6W/6.3A@Ta23°C
Admissiblepoweracceptanceathig-
herambienttemperatureseederating
curves
DegreeofProtection
IP40
ProtectionClass
Suitableforapplianceswithprotection
class1or2acc.toIEC61140
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Socket
Thermoplastic,UL94V-0
Material:Cap
Thermoset,UL94V-0
Material:Terminals
Tin-PlatedCopperAlloy
UnitWeight(Socket/Cap)
4.7g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Voltage,Current,Approvals
SolderingMethods
Wave
Solderability
235°C/2secacc.toIEC60068-2-20,
TestTa,method1
ResistancetoSolderingHeat
260°C/10secacc.toIEC60068-2-20,
TestTb,method1A
ContactResistance
<5m
Ωat20mV
DielectricStrength
>3kVbetweenL-N
(50Hz;1min)
ImpulseWithstandVoltage
>4kVbetweenL-N
InsulationResistance
>10M
ΩbetweenL-N
(500VDC;1min)
OvervoltageCategory
I-IIIacc.toIEC60664-1
PollutionDegree
1-3acc.toIEC60664-1
Abmessungen
31mm
 
8
31
12.5
4
5.2
6
12±0.2
+0.2
0
1.3
+0.1
0
12.5 ±0.1
Drilling diagram


Similar Part No. - FAS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FAS SCHURTER-FAS Datasheet
249Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
logo
M-System Co.,Ltd.
FAS MSYSTEM-FAS Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
Schurter Inc.
FAS SCHURTER-FAS Datasheet
261Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
04.01.2022
logo
M-System Co.,Ltd.
FAS-00-K MSYSTEM-FAS-00-K Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FAS-00-K/Q MSYSTEM-FAS-00-K/Q Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FAS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
231409 SCHURTER-231409 Datasheet
287Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal oder vertical
FAP SCHURTER-FAP Datasheet
366Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, vertical, PC1
FEP SCHURTER-FEP Datasheet
225Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
231409 SCHURTER-231409_18 Datasheet
276Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal or vertical
FAP SCHURTER-FAP_18 Datasheet
247Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, vertical, PC1
FAS SCHURTER-FAS_18 Datasheet
249Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
FEP SCHURTER-FEP_18 Datasheet
275Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
FEP SCHURTER-FEP_V01 Datasheet
289Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
FAS SCHURTER-FAS_V02 Datasheet
261Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
04.01.2022
FAP SCHURTER-FAP_V01 Datasheet
258Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, vertical, PC1
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com