Electronic Components Datasheet Search
  English  ▼

X  

PACVGA201 Datasheet(PDF) 3 Page - ON Semiconductor

Part # PACVGA201
Description  VGA Port Companion Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACVGA201 Datasheet(HTML) 3 Page - ON Semiconductor

  PACVGA201 Datasheet HTML 1Page - ON Semiconductor PACVGA201 Datasheet HTML 2Page - ON Semiconductor PACVGA201 Datasheet HTML 3Page - ON Semiconductor PACVGA201 Datasheet HTML 4Page - ON Semiconductor PACVGA201 Datasheet HTML 5Page - ON Semiconductor PACVGA201 Datasheet HTML 6Page - ON Semiconductor PACVGA201 Datasheet HTML 7Page - ON Semiconductor PACVGA201 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PACVGA201
Rev. 3 | Page 3 of 8 | www.onsemi.com
Ordering Information
PART NUMBERING INFORMATION
Pins
Package
Ordering Part Number
1
Part Marking
16
QSOP
PACVGA201QR
PACVGA 201QR
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
PIN DESCRIPTIONS
Pins(s)
NAME
DESCRIPTION
1
V
CC3
V
CC3 supply pin. This is an isolated supply input for the two sync buffers and SD1 and SD2
ESD protection circuits.
2
V
CC1
V
CC1 supply pin. This is an isolated supply pin for the VIDEO_1, VIDEO_2 and VIDEO_3 ESD
protection circuits.
3
VIDEO_1
Video signal ESD protection channel. This pin is typically tied one of the video lines between
the VGA controller device and the video connector.
4
VIDEO_2
Video signal ESD protection channel. This pin is typically tied one of the video lines between
the VGA controller device and the video connector.
5
VIDEO_3
Video signal ESD protection channel. This pin is typically tied one of the video lines between
the VGA controller device and the video connector.
6
GND
Ground reference supply pin.
7
PWR_UP
Enables the sync buffers when high. When PWR_UP is low the sync outputs are forced low
and the inputs can be floated.
8
V
CC2
V
CC2 supply pin. This is an isolated supply pin for the DDC_OUT1 and DDC_OUT2 ESD
protection circuits. Internally, V
CC2 is derived from the VCC3 input if the VCC2 input is not
connected to a supply voltage.
9
DDC_OUT1
DDC_OUT1 ESD protection channel.
10
DDC_OUT2
DDC_OUT2 ESD protection channel
11
SYNC_IN1
Sync signal buffer input. Connects to the VGA Controller side of one of the sync lines.
12
SYNC_OUT1
Sync signal buffer output. Connects to the video connector side of one of the sync lines.
13
SYNC_IN2
Sync signal buffer input. Connects to the VGA Controller side of one of the sync lines.
14
SYNC_OUT2
Sync signal buffer output. Connects to the video connector side of one of the sync lines.
15
SD1
ESD protection channel input.
16
SD2
ESD protection channel input.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com