Electronic Components Datasheet Search
  English  ▼

X  

FEF Datasheet(PDF) 1 Page - Schurter Inc.

Part # FEF
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 54
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FEF Datasheet(HTML) 1 Page - Schurter Inc.

  FEF Datasheet HTML 1Page - Schurter Inc. FEF Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Fuseholders
FEF
www.schurter.com/pg02
Fuses
Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 54
Fingergrip
Variant 2
250 VAC · 4W/10A (VDE)10A (UL/CSA)
Standards
-IEC60127-6
-UL512
-CSAC22.2no.39
Approvals
-VDELicenseNumber:131952
-ULFileNumber:E39328
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
ShocksafeCategory
PC2
Fuse-Link
5x20mm
Mounting
PanelMount,Front-Side
Mounting
FixingNut
Terminal
SolderorQuick-Connect2.8x0.5mm
RatedVoltage
250VAC
RatedCurrent
10A(VDE),10A(UL/CSA)
RatedPowerAcceptanceIEC 4W/10A@Ta23°C
Admissiblepoweracceptanceathig-
herambienttemperatureseederating
curves
DegreeofProtection
IP40/IP54
ProtectionClass
Suitableforapplianceswithprotection
class1or2acc.toIEC61140
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Socket
Thermoset,black,UL94V-0
Material:Cap
Thermoplastic,black,UL94V-0
Material:Terminals
Tin-PlatedCopperAlloy
UnitWeight(Socket/Cap)
5.95g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Type,Voltage,Approvals
SolderingMethods
Iron
Solderability
350°C/2secacc.toIEC60068-2-20,
TestTa,method2
ResistancetoSolderingHeat
350°C/10secacc.toIEC60068-2-20,
TestTb,method2
ContactResistance
<5m
Ωat20mV
DielectricStrength
>3kVbetweenL-N
>4kVbetweenL/N-PE
(50Hz;1min)
ImpulseWithstandVoltage
>4kVbetweenL-N
>6kVbetweenL/N-PE
InsulationResistance
>10M
ΩbetweenL-N
>100M
ΩbetweenL/N-PE
(500VDC;1min)
OvervoltageCategory
I-IIIacc.toIEC60664-1
PollutionDegree
1-3acc.toIEC60664-1
AdmissibleTorqueonFixing
Nut
max1.2Nm
PanelThicknesss
max7mm
Abmessungen
38.4mm
max. 7
16.2
0.5
4
M12.7x1.5 / 2
33
6
Variant 0031.1081
16.2
0.5
4
33
38
max. 7
M12.7x1.5 / 2
Variant Fingergrip 0031.1907


Similar Part No. - FEF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FEF SCHURTER-FEF Datasheet
266Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
FEF SCHURTER-FEF Datasheet
348Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
04.01.2022
FEF-SNAP SCHURTER-FEF-SNAP Datasheet
263Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
FEF-SNAP SCHURTER-FEF-SNAP Datasheet
330Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap-in, 0.75 - 3.0 mm
FEF-SNAP SCHURTER-FEF-SNAP_V01 Datasheet
330Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap-in, 0.75 - 3.0 mm
More results

Similar Description - FEF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
23316P SCHURTER-23316P Datasheet
252Kb / 1P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
FAF SCHURTER-FAF Datasheet
410Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Slot, vertical, IP 40 / IP 54
FIO SCHURTER-FIO Datasheet
398Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Slot, IP 40 / IP 65
FPG1 SCHURTER-FPG1 Datasheet
466Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 67, IEC 60335-1
23316P SCHURTER-23316P_16 Datasheet
236Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
23316P SCHURTER-23316P_18 Datasheet
239Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
FAF SCHURTER-FAF_18 Datasheet
270Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, vertical, IP 40 / IP 54
FEF SCHURTER-FEF_18 Datasheet
266Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
FAF SCHURTER-FAF_V02 Datasheet
272Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, vertical, IP 40 / IP 54
04.01.2022
FEF SCHURTER-FEF_V02 Datasheet
348Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com