Electronic Components Datasheet Search
  English  ▼

X  

B4060 Datasheet(PDF) 3 Page - EPCOS

Part # B4060
Description  SAW RF filter GPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4060 Datasheet(HTML) 3 Page - EPCOS

  B4060 Datasheet HTML 1Page - EPCOS B4060 Datasheet HTML 2Page - EPCOS B4060 Datasheet HTML 3Page - EPCOS B4060 Datasheet HTML 4Page - EPCOS B4060 Datasheet HTML 5Page - EPCOS B4060 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
July 22, 2008
B4060
1575.42 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
TA = –40 ˚C to +105 ˚C
Terminating source impedance:
ZS =50 Ω unbal.
Terminating load impedance:
ZL =50 Ω unbal.
min.
typ.
@25˚C
max.
Nominal frequency
fN
—
1575.42
—
MHz
Maximum insertion attenuation
α
max
1574.22 ... 1576.62 MHz
—
1.3
2.01)
1)
T = –45˚C to +85˚C : 1.8 dB
dB
Amplitude ripple in passband (p-p)
∆α
1574.22 ... 1576.62 MHz
—
0.1
1.0
dB
Attenuation
α
100.00 ... 1450.00 MHz
40
44
—
dB
1450.00 ... 1520.00 MHz
30
34
—
dB
1625.00 ... 1640.00 MHz
20
25
—
dB
1640.00 ... 1710.00 MHz
25
30
—
dB
1710.00 ... 1805.00 MHz
35
43
—
dB
1805.00 ... 1910.00 MHz
45
52
—
dB
1910.00 ... 2000.00 MHz
40
45
—
dB
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
6
V
Source power
PS
10
dBm
source impedance 50
Ω, c. w.
20
dBm
824 MHz to 849 MHz,
890 MHz to 915 MHz,
1710 MHz to 1785 MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com