Electronic Components Datasheet Search
  English  ▼

X  

B4130 Datasheet(PDF) 6 Page - EPCOS

Part # B4130
Description  EGSM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4130 Datasheet(HTML) 6 Page - EPCOS

Back Button B4130 Datasheet HTML 2Page - EPCOS B4130 Datasheet HTML 3Page - EPCOS B4130 Datasheet HTML 4Page - EPCOS B4130 Datasheet HTML 5Page - EPCOS B4130 Datasheet HTML 6Page - EPCOS B4130 Datasheet HTML 7Page - EPCOS B4130 Datasheet HTML 8Page - EPCOS B4130 Datasheet HTML 9Page - EPCOS B4130 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
November 04, 2009
B4130
897.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
3
V
ESD voltage
VESD
1001)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
V
machine model, 1 pulse
Input power max
925.0 ... 960.0 MHz
PIN
12
dBm
continuous wave, 85 ˚C
PIN
15
dBm
continuous wave, 55 ˚C
880.0 ... 915.0 MHz
PIN
17
dBm
continuous wave, 85 ˚C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com