Electronic Components Datasheet Search
  English  ▼

X  

B4150 Datasheet(PDF) 3 Page - EPCOS

Part # B4150
Description  Low Loss Filter for Mobile Telephone PCS system
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4150 Datasheet(HTML) 3 Page - EPCOS

  B4150 Datasheet HTML 1Page - EPCOS B4150 Datasheet HTML 2Page - EPCOS B4150 Datasheet HTML 3Page - EPCOS B4150 Datasheet HTML 4Page - EPCOS B4150 Datasheet HTML 5Page - EPCOS B4150 Datasheet HTML 6Page - EPCOS B4150 Datasheet HTML 7Page - EPCOS B4150 Datasheet HTML 8Page - EPCOS B4150 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
November 24, 2009
B4150
1960.0 MHz
SAW Components
SAW Rx Filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T = 25 +-2˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1960.0
—
MHz
Maximum insertion attenuation
α
max
1930.0
... 1990.0
MHz
—
2.8
3.5
dB
Amplitude ripple (p-p)
∆α
1930.0
... 1990.0
MHz
—
0.9
1.6
dB
Input return loss
1930.0
... 1990.0
MHz
9.5
10.5
—
dB
Output return loss
1930.0
... 1990.0
MHz
9.5
10.5
—
dB
Attenuation
α
10.0
... 1850.0
MHz
20
21
—
dB
1850.0
... 1910.0
MHz
21
30
—
dB
2040.0
... 2100.0
MHz
25
27
—
dB
2100.0
... 5000.0
MHz
20
25
—
dB
5000.0
... 6000.0
MHz
8
18
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com