Electronic Components Datasheet Search
  English  ▼

X  

B4154 Datasheet(PDF) 3 Page - EPCOS

Part # B4154
Description  Short range devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4154 Datasheet(HTML) 3 Page - EPCOS

  B4154 Datasheet HTML 1Page - EPCOS B4154 Datasheet HTML 2Page - EPCOS B4154 Datasheet HTML 3Page - EPCOS B4154 Datasheet HTML 4Page - EPCOS B4154 Datasheet HTML 5Page - EPCOS B4154 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
January 29, 2009
B4154
1960.0 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
TA = –45 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω (unbalanced)
Terminating load impedance:
ZL =50 Ω (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1960.00
—
MHz
Maximum insertion attenuation
α
max
1930.00 ... 1990.00 MHz
—
3.6
5.01)
1)
–30 ˚C to +85 ˚C : 4.5 dB
dB
Amplitude ripple (p-p)
1930.00 ... 1990.00 MHz
—
0.9
2.42)
2)
–30 ˚C to +85 ˚C : 1.8 dB
dB
Attenuation
α
0.00 ... 1000.00 MHz
50
56
—
dB
1000.00 ... 1830.00 MHz
40
50
—
dB
1830.00 ... 1850.00 MHz
30
50
—
dB
1850.00 ... 1900.00 MHz
10
19
—
dB
1900.00 ... 1910.00 MHz
8
16
—
dB
2020.00 ... 2060.00 MHz
10
17
—
dB
2060.00 ... 2200.00 MHz
25
32
—
dB
2200.00 ... 2260.00 MHz
40
47
—
dB
2260.00 ... 4000.00 MHz
25
42
—
dB
4000.00 ... 4500.00 MHz
20
33
—
dB
4500.00 ... 6000.00 MHz
15
30
—
dB
Maximum ratings
Operable temperature range TA
–45/+125
˚C
Storage temperature range
Tstg
–45/+125
˚C
DC voltage
VDC
6
V
Input power max.
PIN
10
dBm
source and load impedance 50
Ω
peak of TDMA signal,
duty cycle 1 : 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com