Electronic Components Datasheet Search
  English  ▼

X  

RL252 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RL252
Description  SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RL252 Datasheet(HTML) 1 Page - Rectron Semiconductor

  RL252 Datasheet HTML 1Page - Rectron Semiconductor RL252 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.54 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RL251
THRU
RL257
R-3
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
Dimensions in inches and (millimeters)
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 75
oC
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
2.5
150
35
-65 to + 175
Amps
pF
0 C
UNITS
Typical Thermal Resistance
R
θ JA
35
0C/ W
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
50
200
400
600
800
1000
100
RL251
RL252
RL253
RL254
RL255
RL256
RL257
at Rated DC Blocking Voltage
CHARACTERISTICS
Maximum Full Load Reverse Current Average, Full Cycle
.375” (9.5mm) lead length at TL = 75
oC
VF
SYMBOL
IR
UNITS
1.1
5.0
30
uAmps
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 2.5A DC
Volts
@TA = 25
oC
@TA = 100
oC
RL251
RL252
RL253
RL254
RL255
RL256
RL257
50
1.0 (25.4)
MIN.
.138 (3.5)
.160 (4.1)
1.0 (25.4)
MIN.
.160 (4.1)
.138 (3.5)
DIA.
.042 (1.1)
.040 (1.0)
DIA.


Similar Part No. - RL252

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL252 GOOD-ARK-RL252 Datasheet
199Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Leshan Radio Company
RL252 LRC-RL252 Datasheet
50Kb / 2P
2.5A GENERAL DIODES
logo
Micro Commercial Compon...
RL252 MCC-RL252 Datasheet
78Kb / 3P
2.5 Amp Silicon Rectifier 50 to 1000 Volts
logo
First Components Intern...
RL252 FCI-RL252 Datasheet
148Kb / 2P
2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
RL252 DAESAN-RL252 Datasheet
309Kb / 2P
CURRENT 2.5 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - RL252

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
1N5391 WINGS-1N5391 Datasheet
534Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
1N5400 WINGS-1N5400 Datasheet
278Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
RL201 WINGS-RL201 Datasheet
251Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Rectron Semiconductor
FR251 RECTRON-FR251 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
RL201 RECTRON-RL201 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
10A05 RECTRON-10A05 Datasheet
27Kb / 2P
SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes
logo
DAESAN ELECTRONIC CORP.
FR251 DAESAN-FR251 Datasheet
314Kb / 2P
CURRENT 2.5 Amperes VOLTAGE 50 to 1000 Volts
RL251 DAESAN-RL251 Datasheet
309Kb / 2P
CURRENT 2.5 Amperes VOLTAGE 50 to 1000 Volts
logo
Chenmko Enterprise Co. ...
2KBP005MPT CHENMKO-2KBP005MPT Datasheet
84Kb / 2P
SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 2.0 Amperes
logo
Shenzhen Ping Sheng Ele...
KBP301 PFS-KBP301 Datasheet
556Kb / 2P
Voltage Range 50 to 1000 Volts Current 3.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com