Electronic Components Datasheet Search
  English  ▼

X  

B5032 Datasheet(PDF) 3 Page - EPCOS

Part # B5032
Description  WiMAX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5032 Datasheet(HTML) 3 Page - EPCOS

  B5032 Datasheet HTML 1Page - EPCOS B5032 Datasheet HTML 2Page - EPCOS B5032 Datasheet HTML 3Page - EPCOS B5032 Datasheet HTML 4Page - EPCOS B5032 Datasheet HTML 5Page - EPCOS B5032 Datasheet HTML 6Page - EPCOS B5032 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Jun 29, 2009
B5032
456.00 MHz
SAW Components
SAW IF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T =
–40 to 90 ˚C
Terminating source impedance: ZS =50 Ω single ended or 200 Ω balanced and matching network
Terminating load impedance:
ZL =50 Ω single ended or 200 Ω balanced and matching network
Matching network to 50
Ω single ended (element values depend on PCB layout)
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
456.0
—
MHz
Minimum insertion attenuation
α
min
—
8.7
11.0
dB
(including matching network)
Amplitude ripple (p-p)
∆α
fN ± 2.9 MHz
—
0.4
1.5
dB
fN ± 5.2 MHz
—
0.5
2.0
dB
Group delay ripple (p-p)
∆τ
fN ± 5.2 MHz
—
35
150
ns
Absolute group delay (at fN)
τ
—
0.7
2.0
µs
Relative attenuation (relative to
α
min)
α
rel
fN ± 10.0 ... fN ± 43.0 MHz
371)
1) for balanced operation mode only a minimum selectivity of 30 dB could be specified
43
—
dB
411 - 413 MHz
40
50
—
dB
393 - 411 MHz
40
50
—
dB
343 - 393 MHz
42
50
—
dB
Temperature coefficient of frequency
TCf
—
–18
—
ppm/K
Ls1 = 33.0 nH
Lp2 = 15.0 nH
Lp3 = 15.0 nH
Ls4 = 33.0 nH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com