Electronic Components Datasheet Search
  English  ▼

X  

B5048 Datasheet(PDF) 3 Page - EPCOS

Part # B5048
Description  TETRA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5048 Datasheet(HTML) 3 Page - EPCOS

  B5048 Datasheet HTML 1Page - EPCOS B5048 Datasheet HTML 2Page - EPCOS B5048 Datasheet HTML 3Page - EPCOS B5048 Datasheet HTML 4Page - EPCOS B5048 Datasheet HTML 5Page - EPCOS B5048 Datasheet HTML 6Page - EPCOS B5048 Datasheet HTML 7Page - EPCOS B5048 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
December 20, 2006
B5048
420.0 MHz
SAW Components
SAW Rx Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T = -30 to +70˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
420.0
—
MHz
Maximum insertion attenuation
α
max
410.0
...
430.0
MHz
—
3.2
4.5 1)
1) 3.5 dB at 25 ˚C.
dB
Amplitude ripple (p-p)
∆α
410.0
...
430.0
MHz
—
0.9
2.5 2)
2) 1.5 dB at 25 ˚C.
dB
Input VSWR
410.0
...
430.0
MHz
—
2.0
2.3
Output VSWR
410.0
...
430.0
MHz
—
2.1
2.3
Attenuation
α
0.0
...
330.0
MHz
37
42
—
dB
330.0
...
355.0
MHz
31
34
—
dB
355.0
...
400.0
MHz
13
17
—
dB
440.0
...
474.0
MHz
15
18
—
dB
474.0
...
491.0
MHz
26
32
—
dB
491.0
...
572.0
MHz
28
33
—
dB
572.0
...
593.0
MHz
36
40
—
dB
593.0
... 1392.0
MHz
28
32
—
dB
1392.0
... 1616.0
MHz
24
28
—
dB
1616.0
... 2046.0
MHz
18
23
—
dB
Temperature coefficient of frequency
TCf
—
-70
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com