Electronic Components Datasheet Search
  English  ▼

X  

1206SFH Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1206SFH
Description  Surface Mount Fuse High Current
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFH Datasheet(HTML) 3 Page - Tyco Electronics

  1206SFH Datasheet HTML 1Page - Tyco Electronics 1206SFH Datasheet HTML 2Page - Tyco Electronics 1206SFH Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
308Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Surface Mount Fuse
High Current
Raychem Circuit Protection Products
PRODUCT: 1206SFH Family
DOCUMENT: SCD 27519
REV LETTER: A
REV DATE: OCTOBER 16, 2008
PAGE NO.: 3 OF 3
Nominal I²t vs t Curves
© 2008 Tyco Electronics Corporation. All rights reserved.
1
10
100
1000
10000
0.001
0.01
0.1
1
10
C lear T im e (S eco n d )
20A
15A
12A
10A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com