Electronic Components Datasheet Search
  English  ▼

X  

B5050 Datasheet(PDF) 4 Page - EPCOS

Part # B5050
Description  cdma2000
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5050 Datasheet(HTML) 4 Page - EPCOS

  B5050 Datasheet HTML 1Page - EPCOS B5050 Datasheet HTML 2Page - EPCOS B5050 Datasheet HTML 3Page - EPCOS B5050 Datasheet HTML 4Page - EPCOS B5050 Datasheet HTML 5Page - EPCOS B5050 Datasheet HTML 6Page - EPCOS B5050 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Mar 16, 2007
B5050
88.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data Sheet
Matching network to 50
Ω
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
2001)
1) acc. to J-STD22A-0115A (machine model, 1 pulse +/-).
V
machine model, 1 pulse
Input power
PIN
10
dBm
Ls2
Cp1
Lp3
Ls5
Lp4
Cp6
Cp1 = 56 pF
Ls2 = 121 nH
Cp3 = 18 pF
Cp4 = 6.8 pF
Ls5 = 82 nH
Cp6 = 68 pF
Cp3
Cp4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com