Electronic Components Datasheet Search
  English  ▼

X  

MC68HC55/D Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC68HC55/D
Description  Two-Channel CMOS ASIC Device
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC55/D Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC68HC55/D Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68HC55/D Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68HC55/D Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68HC55/D Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68HC55/D Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC55/D Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC55/D Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC55/D Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC55/D Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
MC68HC55 Technical Data
Enable (Disable) Function
MC68HC55
Technical Data
Functional Description
21
Figure 4-2. State Diagram Notation
end of the condition or equation which must be true for a transition to
occur. The statement or statements after the slash are executed during
the transition to the next state. These state diagrams are not a complete
description of the entire MC68HC55. They are intended to include just
enough relevant data to understand the operation of the state machines
and basic DSI/D functions.
Figure 4-3
describes how SPI transfers lead to transmit FIFO push
operations or transfer abort actions. State transitions in this state
machine are synchronous with rising edges of the SPI clock. The initial
state, SP_IDLE, is entered asynchronously whenever internal reset
becomes active or the SPI chip select input goes high. Upon entry to the
idle state, the SPI_WRITE signal is deactivated and the SPI bit counter
is set to 7 (it will count down as bits are received).
When the SPI chip select goes low (active), the first SPI transfer will be
a command byte and the first bit indicates a write or read command. The
SPI_WRITE signal takes on the value of this first bit, and the state
machine enters the COMMAND_TRANSFER state, where the
remaining bits of the command byte are received. The last three bits of
the command set the initial value of the register pointer (update occurs
on the next SPI clock falling edge). After the command byte is complete,
the state machine advances to the SPI_BURST state, which remains
active until the SPI chip select goes high or the MC68HC55 is reset.
IDLE
STATE_1
ASYNCHRONOUS RESET/ACTION(S)
SYNCHRONOUS CONDITION/ACTION(S)
SYNCHRONOUS CONDITION/ACTION(S)
STATE TRANSITIONS OCCUR
ON POSEDGE OF XXX CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com