Electronic Components Datasheet Search
  English  ▼

X  

B5051 Datasheet(PDF) 3 Page - EPCOS

Part # B5051
Description  SAW IF filter WCDMA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5051 Datasheet(HTML) 3 Page - EPCOS

  B5051 Datasheet HTML 1Page - EPCOS B5051 Datasheet HTML 2Page - EPCOS B5051 Datasheet HTML 3Page - EPCOS B5051 Datasheet HTML 4Page - EPCOS B5051 Datasheet HTML 5Page - EPCOS B5051 Datasheet HTML 6Page - EPCOS B5051 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
May 20, 2009
B5051
161.28 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–30 to 85 ˚C
Terminating source impedance:
ZS =50 Ω single-ended and matching network
Terminating load impedance:
ZL =
200
Ω balanced and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
161.28
—
MHz
Minimum insertion attenuation
α
min
—
9.2
10.0
dB
(including matching network)
Amplitude ripple (p-p)
∆α
fN ± 10.0 MHz
—
0.6
1.0
dB
Group delay ripple (p-p)
∆τ
fN ± 10.0 MHz
—
25
60
ns
Absolute group delay
τ
mean
mean within fN ± 10.0 MHz
407
412
417
ns
Phase Linearity (rms)
∆ϕ
fN − 7.5 MHz ± 1.92 MHz
—
0.8
2.5
deg
fN − 2.5 MHz ± 1.92 MHz
—
1.0
2.5
deg
fN + 2.5 MHz ± 1.92 MHz
—
1.2
2.5
deg
fN + 7.5 MHz ± 1.92 MHz
—
0.9
2.5
deg
Average Error Vector Magnitude
EVM
fN − 7.5 MHz ± 1.92 MHz
—
1.0
4.5
%
fN − 2.5 MHz ± 1.92 MHz
—
1.6
4.5
%
fN + 2.5 MHz ± 1.92 MHz
—
1.7
4.5
%
fN + 7.5 MHz ± 1.92 MHz
—
1.3
4.5
%
Relative attenuation (relative to
α
min)
α
rel
10.00 MHz
...fN − 58.08 MHz
40
58
—
dB
fN − 58.08MHz ...fN − 34.08 MHz
50
56
—
dB
fN − 58.08MHz ...fN − 34.08 MHz
501)
64
—
dBINT
fN − 34.08MHz ...fN − 20.72 MHz
25
42
—
dB
fN − 20.72MHz ...fN − 17.50 MHz
10
27
—
dB
fN + 17.50MHz ...fN + 20.72 MHz
10
29
—
dB
fN + 20.72MHz ...fN + 34.08 MHz
25
38
—
dB
fN + 34.08MHz ...fN + 58.08 MHz
45
57
—
dB
fN + 34.08MHz ...fN + 58.08 MHz
501)
67
—
dBINT
fN + 58.08MHz ...fN + 66.00 MHz
40
66
—
dB
fN + 66.00MHz ...fN +138.72 MHz
40
65
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com