Electronic Components Datasheet Search
  English  ▼

X  

B5052 Datasheet(PDF) 3 Page - EPCOS

Part # B5052
Description  SAW Rx filter TETRA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5052 Datasheet(HTML) 3 Page - EPCOS

  B5052 Datasheet HTML 1Page - EPCOS B5052 Datasheet HTML 2Page - EPCOS B5052 Datasheet HTML 3Page - EPCOS B5052 Datasheet HTML 4Page - EPCOS B5052 Datasheet HTML 5Page - EPCOS B5052 Datasheet HTML 6Page - EPCOS B5052 Datasheet HTML 7Page - EPCOS B5052 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
March 14, 2008
B5052
465.00 MHz
SAW Components
SAW Rx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
-30 ˚C to +70 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
465.00
—
MHz
Maximum insertion attenuation
α
max
460.0
...
470.0
MHz
—
2.3
3.01)
1) 2.5dB max at +15˚C to +35˚
dB
Amplitude ripple (p-p)
∆α
460.0
...
470.0
MHz
—
0.9
2.02)
2) 1.5dB max at +15˚C to +35˚
dB
Return Loss (VSWR)
460.0
...
470.0
MHz
—
2.0
2.2
Attenuation
α
50.0
...
82.0
MHz
31
73
—
dB
82.0
...
352.0
MHz
27
54
—
dB
352.0
...
455.0
MHz
10
17
—
dB
478.0
...
500.0
MHz
10
21
—
dB
500.0
...
622.0
MHz
27
50
—
dB
622.0
...
633.0
MHz
45
47
—
dB
633.0
... 1001.0
MHz
19
36
—
dB
1001.0
... 1542.0
MHz
26
31
—
dB
1542.0
... 1736.0
MHz
34
37
—
dB
1736.0
... 2100.0
MHz
24
27
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com