Electronic Components Datasheet Search
  English  ▼

X  

B5053 Datasheet(PDF) 3 Page - EPCOS

Part # B5053
Description  SAW Rx filter TETRA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5053 Datasheet(HTML) 3 Page - EPCOS

  B5053 Datasheet HTML 1Page - EPCOS B5053 Datasheet HTML 2Page - EPCOS B5053 Datasheet HTML 3Page - EPCOS B5053 Datasheet HTML 4Page - EPCOS B5053 Datasheet HTML 5Page - EPCOS B5053 Datasheet HTML 6Page - EPCOS B5053 Datasheet HTML 7Page - EPCOS B5053 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
January 21, 2008
B5053
415.00 MHz
SAW Components
SAW Rx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +70 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL =50Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
415.00
—
MHz
Maximum insertion attenuation
α
max
410.0
...
420.0
MHz
—
2.4
3.01)
1) 2.7dB max at +15˚C to +35˚C
dB
Amplitude ripple (p-p)
∆α
410.0
...
420.0
MHz
—
0.8
2.02)
2) 1.5dB max at +15˚C to +35˚C
dB
Return loss (VSWR)
410.0
...
420.0
MHz
—
2.1
2.4
Attenuation
α
50.0
...
355.0
MHz
37
49
—
dB
355.0
...
405.0
MHz
12
25
—
dB
425.0
...
464.0
MHz
8
13
—
dB
464.0
...
491.0
MHz
26
49
—
dB
491.0
...
572.0
MHz
37
46
—
dB
572.0
...
593.0
MHz
44
46
—
dB
593.0
... 1392.0
MHz
30
32
—
dB
1392.0
... 1616.0
MHz
27
31
—
dB
1616.0
... 2046.0
MHz
15
22
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com