Electronic Components Datasheet Search
  English  ▼

X  

B5056 Datasheet(PDF) 3 Page - EPCOS

Part # B5056
Description  SAW Rx filter R-GSM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5056 Datasheet(HTML) 3 Page - EPCOS

  B5056 Datasheet HTML 1Page - EPCOS B5056 Datasheet HTML 2Page - EPCOS B5056 Datasheet HTML 3Page - EPCOS B5056 Datasheet HTML 4Page - EPCOS B5056 Datasheet HTML 5Page - EPCOS B5056 Datasheet HTML 6Page - EPCOS B5056 Datasheet HTML 7Page - EPCOS B5056 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
December 4, 2007
B5056
895.50 MHz
SAW Components
SAW Rx filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +80 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL =50Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
895.5
—
MHz
Maximum insertion attenuation
α
max
876.0
...
915.0
MHz
—
2.1
3.21)
1) 2.5dB max at +25˚C
dB
Amplitude ripple (p-p)
∆α
876.0
...
915.0
MHz
—
1.2
2.02)
2) 1.5dB max at +25˚C
dB
Return loss (VSWR)
876.0
...
915.0
MHz
—
2.2
3.0
Attenuation
α
0.3
...
856.0
MHz
17
19
—
dB
925.0
...
935.0
MHz
33)
3) 6.0dB max at +25˚C
10
—
dB
935.0
... 2000.0
MHz
20
22
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com