Electronic Components Datasheet Search
  English  ▼

X  

B5057 Datasheet(PDF) 3 Page - EPCOS

Part # B5057
Description  SAW Tx Filter R-GSM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5057 Datasheet(HTML) 3 Page - EPCOS

  B5057 Datasheet HTML 1Page - EPCOS B5057 Datasheet HTML 2Page - EPCOS B5057 Datasheet HTML 3Page - EPCOS B5057 Datasheet HTML 4Page - EPCOS B5057 Datasheet HTML 5Page - EPCOS B5057 Datasheet HTML 6Page - EPCOS B5057 Datasheet HTML 7Page - EPCOS B5057 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
March 22, 2007
B5057
940.5 MHz
SAW Components
SAW Tx Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T = -30 to +80 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
940.5
—
MHz
Maximum insertion attenuation
α
max
921.0
...
960.0
MHz
—
2.7
4.0 1)
1) 3.0 dB at 25 ˚C.
dB
Amplitude ripple (p-p)
∆α
921.0
...
960.0
MHz
—
1.4
3.0 2)
2) 2.0 dB at 25 ˚C.
dB
Input VSWR
921.0
...
960.0
MHz
—
2.3
3.0 3)
3) 2.8 at 25 ˚C.
Output VSWR
921.0
...
960.0
MHz
—
2.6
3.0 4)
4) 2.8 at 25 ˚C.
Attenuation
α
0.3
...
800.0
MHz
25
47
—
dB
800.0
...
880.0
MHz
26
39
—
dB
880.0
...
905.0
MHz
20 5)
5) 28 dB at 25 ˚C.
31
—
dB
905.0
...
915.0
MHz
2 6)
6) 3 dB at 25 ˚C.
6—
dB
980.0
...
985.0
MHz
23
42
—
dB
985.0
... 1005.0
MHz
30
34
—
dB
1005.0
... 1025.0
MHz
30
34
—
dB
1025.0
... 1760.0
MHz
27
34
—
dB
1760.0
... 2000.0
MHz
28
32
—
dB
2000.0
... 4000.0
MHz
18
23
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com