Electronic Components Datasheet Search
  English  ▼

X  

B5060 Datasheet(PDF) 4 Page - EPCOS

Part # B5060
Description  SAW IF filter WCDMA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5060 Datasheet(HTML) 4 Page - EPCOS

  B5060 Datasheet HTML 1Page - EPCOS B5060 Datasheet HTML 2Page - EPCOS B5060 Datasheet HTML 3Page - EPCOS B5060 Datasheet HTML 4Page - EPCOS B5060 Datasheet HTML 5Page - EPCOS B5060 Datasheet HTML 6Page - EPCOS B5060 Datasheet HTML 7Page - EPCOS B5060 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Mar 13, 2007
B5060
167.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Characteristics
Operating temperature range:
T
=
–40 to 85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
167.0
—
MHz
Minimum insertion attenuation
α
min
—
6.9
8.0
dB
(including matching network)
Maximum insertion attenuation
α
max
—
7.3
9.0
dB
(including matching network) fN ± 5.0 MHz
Passband width
α
rel ≤ 1.0 dB
B1dB
10
13.0
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 5.0 MHz
—
0.4
1.0
dB
Error Vector Magnitude
EVM
fN − 2.5 MHz ± 1.92 MHz
—
0.9
4.0
%
fN + 2.5 MHz ± 1.92 MHz
—
0.9
4.0
%
Return Loss
fN ± 5.0 MHz
10.0
12.0
—
dB
Input IP3
40
—
—
dBm
Relative attenuation (relative to
α
min)
α
rel
fN − 7.5 MHz ... fN − 10.0 MHz
0.5
5.2
—
dB
fN + 7.5 MHz ... fN + 10.0 MHz
0.5
6.6
—
dB
fN ± 10.0 MHz ... fN ± 20.0 MHz
25
41
—
dB
fN ± 20.0 MHz ... fN ± 57.0 MHz
40
48
—
dB
Temperature coefficient of frequency
TCf
—
–87
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com