Electronic Components Datasheet Search
  English  ▼

X  

B5062 Datasheet(PDF) 3 Page - EPCOS

Part # B5062
Description  SAW IF filter TD-SCDMA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5062 Datasheet(HTML) 3 Page - EPCOS

  B5062 Datasheet HTML 1Page - EPCOS B5062 Datasheet HTML 2Page - EPCOS B5062 Datasheet HTML 3Page - EPCOS B5062 Datasheet HTML 4Page - EPCOS B5062 Datasheet HTML 5Page - EPCOS B5062 Datasheet HTML 6Page - EPCOS B5062 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
June 16, 2008
B5062
96.0 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Termnating load impedance:
ZL =50 Ω and matching network
Group delay aperture:
200 kHz
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
96.0
—
MHz
Minimum insertion attenuation
α
min
—
8.0
9.0
dB
(including matching network)
Passband width
α
rel ≤ 1.4 dB
B1.4dB
20
21.8
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 10.0 MHz
—
1.0
1.4
dB
Group delay ripple (p-p)
∆τ
fN ± 10.0 MHz
—
100
150
ns
Relative attenuation (relative to
α
min)
α
rel
10.0 MHz ...
68.4 MHz
55
60
—
dB
76.8 MHz
40
45
—
dB
123.6 MHz ... 162.8 MHz
55
60
—
dB
162.8 MHz ...
1.0 GHz
35
50
—
dB
Return loss
Input
fN ± 10.0 MHz
—
7
—
dB
Output
fN ± 10.0 MHz
—
8
—
dB
1 dB compression point
12
—
—
dBm
Input IP3
35
—
—
dBm
Temperature coefficient of frequency
TCf
—
–78
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com