Electronic Components Datasheet Search
  English  ▼

X  

RS2003M Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RS2003M
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 20 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RS2003M Datasheet(HTML) 1 Page - Rectron Semiconductor

  RS2003M Datasheet HTML 1Page - Rectron Semiconductor RS2003M Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE 50 to 1000 Volts CURRENT 20 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low leakage
* Low forward voltage
* Mounting position: Any
* Surge overload rating: 300 amperes peak
* Ideal for printed cikcuit boakds
* High forward surge current capability
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RS2001M
THRU
RS2007M
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
SINGLE-PHASE SILICON BRIDGE RECTIFIER
RS-20M
Dimensions in inches and (millimeters)
2001-5
-
RATINGS
SYMBOL
UNITS
RS2001M
RS2003M RS2004M
RS2002M
RS2005M RS2006M RS2007M
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load
Operating and Storage Temperature Range
VRRM
VDC
IO
IFSM
TJ,TSTG
VRMS
Volts
Volts
Amps
20
300
-55 to + 150
0 C
Maximum Average Forward Rectified Output Current at Tc = 100
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
50
200
400
100
600
800
1000
Volts
Amps
with heatsink
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
0.2
mAmps
uAmps
Maximum Reverse Current at Rated
Maximum Forward Voltage Drop per element at 10A DC
Volts
@TA = 25
oC
@TC = 100
oC
10
RS2001M
RS2003M RS2004M
RS2002M
RS2005M RS2006M RS2007M
.189 (4.8)
.173 (4.4)
.150 (3.8)
.134 (3.4)
.114 (2.9)
.098 (2.5)
.031 (0.8)
.023 (0.6)
.303 (7.7)
.287 (7.3)
.303 (7.7)
.402 (10.2)
.043 (1.1)
.106 (2.7)
1.169 (29.7)
1.193 (30.3)
.096 (2.3)
.094 (2.4)
.078 (2.0)
.035 (0.9)
.287 (7.3)
.386 (9.8)
MECHANICAL DATA


Similar Part No. - RS2003M

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
RS2003M ZSELEC-RS2003M Datasheet
107Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rectron Semiconductor
RS2003MLS RECTRON-RS2003MLS Datasheet
150Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 20Amperes
2019-06/47 REV: O
More results

Similar Description - RS2003M

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
KBPC35005 WINGS-KBPC35005 Datasheet
399Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 35 Amperes)
logo
Rectron Semiconductor
MB2505 RECTRON-MB2505 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
MB3505 RECTRON-MB3505 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
RS1501M RECTRON-RS1501M Datasheet
31Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
RS2501M RECTRON-RS2501M Datasheet
30Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
RS601 RECTRON-RS601 Datasheet
55Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
RS601M RECTRON-RS601M Datasheet
23Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
RS801 RECTRON-RS801 Datasheet
26Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes)
RS2001M RECTRON-RS2001M_10 Datasheet
275Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 20 Amperes
RBU2001M RECTRON-RBU2001M Datasheet
162Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 20 Amperes
2018-10 REV: A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com