Electronic Components Datasheet Search
  English  ▼

X  

B5068 Datasheet(PDF) 3 Page - EPCOS

Part # B5068
Description  SAW IF filter GPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5068 Datasheet(HTML) 3 Page - EPCOS

  B5068 Datasheet HTML 1Page - EPCOS B5068 Datasheet HTML 2Page - EPCOS B5068 Datasheet HTML 3Page - EPCOS B5068 Datasheet HTML 4Page - EPCOS B5068 Datasheet HTML 5Page - EPCOS B5068 Datasheet HTML 6Page - EPCOS B5068 Datasheet HTML 7Page - EPCOS B5068 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Jul 18, 2007
B5068
173.8 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
25 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
173.8
—
MHz
Minimum insertion attenuation
α
min
—
9.3
11.0
dB
(including matching network)
Passband width
α
rel ≤ 1.5 dB
B1.5dB
20.3
22.9
—
MHz
α
rel ≤ 3.0 dB
B3.0dB
22.0
24.0
—
MHz
α
rel ≤ 35 dB
B35dB
—
28.6
31.0
MHz
α
rel ≤ 40 dB
B40dB
—
29.2
41.0
MHz
Amplitude ripple (p-p)
∆α
fN ± 11.0 MHz
—
1.0
1.5
dB
Phase ripple (p-p)
∆ϕ
fN ± 11.0 MHz
—
12
15
deg
Group delay ripple (p-p)
∆τ
fN ± 11.0 MHz
—
60
100
ns
Absolute group delay (at fN)
τ
—
640
—
ns
Relative attenuation (relative to
α
min)
α
rel
80.0 MHz ... fN − 19.1 MHz
42
48
—
dB
fN − 19.1 MHz ... fN − 14.6 MHz
35
38
—
dB
fN + 14.6 MHz ... fN + 19.1 MHz
35
38
—
dB
fN + 19.1 MHz ... fN + 26.1 MHz
39
42
—
dB
fN + 26.1 MHz ... 1 GHz
42
48
—
dB
Temperature coefficient of frequency
TCf
—
–87
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com