Electronic Components Datasheet Search
  English  ▼

X  

B5069 Datasheet(PDF) 3 Page - EPCOS

Part # B5069
Description  SAW Tx filter WiMAX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5069 Datasheet(HTML) 3 Page - EPCOS

  B5069 Datasheet HTML 1Page - EPCOS B5069 Datasheet HTML 2Page - EPCOS B5069 Datasheet HTML 3Page - EPCOS B5069 Datasheet HTML 4Page - EPCOS B5069 Datasheet HTML 5Page - EPCOS B5069 Datasheet HTML 6Page - EPCOS B5069 Datasheet HTML 7Page - EPCOS B5069 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
July 04, 2007
B5069
436.80 MHz
SAW Components
SAW Tx filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
436.80
—
MHz
Maximum insertion attenuation
α
max
431.30 ...
442.30 MHz
—
1.4
2.5
dB
Amplitude ripple (p-p)
∆α
431.30 ...
442.30 MHz
—
0.4
0.8
dB
Input VSWR
431.30 ...
442.30 MHz
—
1.45
1.8
Output VSWR
431.30 ...
442.30 MHz
—
1.45
1.8
Group Delay
τ
431.30 ...
442.30 MHz
—
90
250
ns
Attenuation
α
100.00 ...
336.80 MHz
45
56
—
dB
336.80 ...
386.80 MHz
45
50
—
dB
386.80 ...
401.80 MHz
32
48
—
dB
401.80 ...
411.80 MHz
22
44
—
dB
411.80 ...
421.80 MHz
9
29
—
dB
451.80 ...
461.80 MHz
9
27
—
dB
461.80 ...
471.80 MHz
22
31
—
dB
471.80 ...
486.80 MHz
32
50
—
dB
486.80 ...
536.80 MHz
45
50
—
dB
536.80 ...
600.00 MHz
45
47
—
dB
600.00 ...
900.00 MHz
35
40
—
dB
900.00 ... 1200.00 MHz
30
35
—
dB
1200.00 ... 1500.00 MHz
25
33
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com