Electronic Components Datasheet Search
  English  ▼

X  

B5071 Datasheet(PDF) 4 Page - EPCOS

Part # B5071
Description  SAW IF filter WCDMA and CDMA2000
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5071 Datasheet(HTML) 4 Page - EPCOS

  B5071 Datasheet HTML 1Page - EPCOS B5071 Datasheet HTML 2Page - EPCOS B5071 Datasheet HTML 3Page - EPCOS B5071 Datasheet HTML 4Page - EPCOS B5071 Datasheet HTML 5Page - EPCOS B5071 Datasheet HTML 6Page - EPCOS B5071 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Sep 11, 2007
B5071
211.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Matching network to 200
Ω balanced input, 50 Ω unbalanced output
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
2001)
1) acc. to J-STD22A-0115A (machine model, 1 pulse +/-).
V
machine model, 1 pulse
Input power
PIN
15
dBm
10 MHz to 2 GHz
Cp1 = 12.0 pF
Ls2 = 33.0 nH
Ls3 = 56.0 nH
Cp4 = 18.0 pF
Cp1
Ls2
Ls2
Ls3
Cp4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com