Electronic Components Datasheet Search
  English  ▼

X  

LPC1311 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC1311
Description  32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1311 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC1311 Datasheet HTML 35Page - NXP Semiconductors LPC1311 Datasheet HTML 36Page - NXP Semiconductors LPC1311 Datasheet HTML 37Page - NXP Semiconductors LPC1311 Datasheet HTML 38Page - NXP Semiconductors LPC1311 Datasheet HTML 39Page - NXP Semiconductors LPC1311 Datasheet HTML 40Page - NXP Semiconductors LPC1311 Datasheet HTML 41Page - NXP Semiconductors LPC1311 Datasheet HTML 42Page - NXP Semiconductors LPC1311 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
LPC1311_13_42_43
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 10 August 2010
39 of 62
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
Conditions: VDD = 3.3 V; on pins PIO0_4 and PIO0_5.
Fig 15. I2C-bus pins (high current sink): Typical LOW-level output current IOL versus
LOW-level output voltage VOL
Conditions: VDD = 3.3 V; standard port pins and PIO0_7.
Fig 16. Typical LOW-level output current IOL versus LOW-level output voltage VOL
VOL (V)
0
0.6
0.4
0.2
002aaf019
20
40
60
IOL
(mA)
0
T = 85
°C
25
°C
−40 °C
VOL (V)
0
0.6
0.4
0.2
002aae991
5
10
15
IOL
(mA)
0
T = 85
°C
25
°C
−40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com