Electronic Components Datasheet Search
  English  ▼

X  

B5074 Datasheet(PDF) 3 Page - EPCOS

Part # B5074
Description  SAW RF filter TETRA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5074 Datasheet(HTML) 3 Page - EPCOS

  B5074 Datasheet HTML 1Page - EPCOS B5074 Datasheet HTML 2Page - EPCOS B5074 Datasheet HTML 3Page - EPCOS B5074 Datasheet HTML 4Page - EPCOS B5074 Datasheet HTML 5Page - EPCOS B5074 Datasheet HTML 6Page - EPCOS B5074 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Sep 26, 2007
B5074
365.0 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–30 to 70 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
365.0
—
MHz
Maximum insertion attenuation
fN ± 5.0 MHz
α
max
—
1.7
3.01)
1) 2.5dB max at +15
˚C to +35˚C
dB
Amplitude ripple (p-p)
∆α
fN ± 5.0 MHz
—
0.7
2.02)
2) 1.5dB max at +15
˚C to +35˚C
dB
VSWR
fN ± 5.0 MHz
—
1.5
2.0
Attenuation
α
0.1 MHz
...
81.0 MHz
27
70
—
dB
81.0 MHz
...
82.0 MHz
31
70
—
dB
82.0 MHz
...
325.8 MHz
13
55
—
dB
325.8 MHz
27
55
—
dB
325.8 MHz
...
355.0 MHz
10
20
—
dB
378.0 MHz
...
400.0 MHz
10
26
—
dB
400.0 MHz
...
414.0 MHz
6
50
—
dB
414.0 MHz
...
431.0 MHz
16
55
—
dB
431.0 MHz
...
452.0 MHz
27
55
—
dB
452.0 MHz
...
522.0 MHz
16
48
—
dB
522.0 MHz
...
533.0 MHz
41
48
—
dB
533.0 MHz
...
801.0 MHz
19
45
—
dB
801.0 MHz
... 1242.0 MHz
26
35
—
dB
1242.0 MHz
... 1636.0 MHz
28
32
—
dB
1636.0 MHz
... 1806.0 MHz
17
32
—
dB
Temperature coefficient of frequency
TCf
—
– 36
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com