Electronic Components Datasheet Search
  English  ▼

X  

B5075 Datasheet(PDF) 3 Page - EPCOS

Part # B5075
Description  SAW filter WiMAX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5075 Datasheet(HTML) 3 Page - EPCOS

  B5075 Datasheet HTML 1Page - EPCOS B5075 Datasheet HTML 2Page - EPCOS B5075 Datasheet HTML 3Page - EPCOS B5075 Datasheet HTML 4Page - EPCOS B5075 Datasheet HTML 5Page - EPCOS B5075 Datasheet HTML 6Page - EPCOS B5075 Datasheet HTML 7Page - EPCOS B5075 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
September 14, 2008
B5075
456.00 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
456.00
—
MHz
Maximum insertion attenuation
α
max
451.00 ...
461.00 MHz
—
2.1
3.01)
1) 2.5dB max at +15 ˚C to +35 ˚C
dB
Amplitude ripple (p-p)
∆α
451.00 ...
461.00 MHz
—
0.7
2.02)
2) 1.5dB max at +15 ˚C to +35 ˚C
dB
Return loss (VSWR)
451.00 ...
461.00 MHz
—
1.7
2.0
Attenuation
α
0.00 ...
440.00 MHz
40
43
—
dB
440.00 ...
446.00 MHz
10
17
—
dB
466.00 ...
531.00 MHz
6
13
—
dB
531.00 ...
612.00 MHz
27
49
—
dB
612.00 ...
624.00 MHz
45
48
—
dB
624.00 ... 1707.00 MHz
27
32
—
dB
1707.00 ... 2100.00 MHz
27
31
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com