Electronic Components Datasheet Search
  English  ▼

X  

B5077 Datasheet(PDF) 4 Page - EPCOS

Part # B5077
Description  SAW IF filter TD-SCDMA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5077 Datasheet(HTML) 4 Page - EPCOS

  B5077 Datasheet HTML 1Page - EPCOS B5077 Datasheet HTML 2Page - EPCOS B5077 Datasheet HTML 3Page - EPCOS B5077 Datasheet HTML 4Page - EPCOS B5077 Datasheet HTML 5Page - EPCOS B5077 Datasheet HTML 6Page - EPCOS B5077 Datasheet HTML 7Page - EPCOS B5077 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Sep 20, 2007
B5077
140.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Characteristics
Operating temperature range:
T
=
–10 to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
140.0
—
MHz
Minimum insertion attenuation
α
min
—
9.3
10.0
dB
(including matching network)
Passband width
α
rel ≤
1dB
B1dB
9.6
9.9
—
MHz
α
rel ≤
3dB
B3dB
10.6
10.9
—
MHz
α
rel ≤ 35 dB
B35dB
—
14.1
15
MHz
Amplitude ripple (p-p)
∆α
fN ± 4.0 MHz
—
0.4
1.0
dB
Phase ripple (p-p)
∆ϕ
fN ± 4.0 MHz
—
5
15
˚
Group delay ripple (p-p)
∆τ
fN ± 4.0 MHz
—
50
120
ns
Absolute group delay (at fN)
τ
—
940
—
ns
Relative attenuation (relative to
α
min)
α
rel
fN − 30.0 MHz ... fN −10.0 MHz
40
46
—
dB
fN − 10.0 MHz ... fN − 8.0 MHz
35
45
—
dB
fN + 8.0 MHz ... fN +15.0 MHz
35
39
—
dB
fN + 15.0 MHz ... fN +30.0 MHz
40
43
—
dB
Temperature coefficient of frequency
TCf
—
–87
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com