Electronic Components Datasheet Search
  English  ▼

X  

B5089 Datasheet(PDF) 3 Page - EPCOS

Part # B5089
Description  SAW IF filter WiMAX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5089 Datasheet(HTML) 3 Page - EPCOS

  B5089 Datasheet HTML 1Page - EPCOS B5089 Datasheet HTML 2Page - EPCOS B5089 Datasheet HTML 3Page - EPCOS B5089 Datasheet HTML 4Page - EPCOS B5089 Datasheet HTML 5Page - EPCOS B5089 Datasheet HTML 6Page - EPCOS B5089 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
March 14, 2008
B5089
252 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Termnating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
252
—
MHz
Minimum insertion attenuation
α
min
—
8.8
10.5
dB
(including matching network)
Passband width
α
rel ≤ 1.0 dB
B1.0dB
25
26.0
—
MHz
α
rel ≤ 3.0 dB
B3.0dB
26
27.6
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 10 MHz
—
0.3
0.9
dB
Phase linearity (p-p)
∆ϕ
fN ± 10 MHz
—
5
10
deg
Average error vector magnitude
EVM
—
2
—
%
Group delay ripple (p-p)
∆τ
fN ± 10 MHz
—
30
80
ns
Absolute group delay
τ
mean in passband
—
610
—
ns
Relative attenuation (relative to
α
min)
α
rel
100 MHz ...
200 MHz
45
55
—
dB
200 MHz ...
232 MHz
40
45
—
dB
272 MHz ...
300 MHz
40
45
—
dB
300 MHz ...
600 MHz
45
55
—
dB
600 MHz ... 1000 MHz
45
80
—
dB
Temperature coefficient of frequency
TCf
—
–87
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com