Electronic Components Datasheet Search
  English  ▼

X  

B5093 Datasheet(PDF) 3 Page - EPCOS

Part # B5093
Description  SAW IF filter BWA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5093 Datasheet(HTML) 3 Page - EPCOS

  B5093 Datasheet HTML 1Page - EPCOS B5093 Datasheet HTML 2Page - EPCOS B5093 Datasheet HTML 3Page - EPCOS B5093 Datasheet HTML 4Page - EPCOS B5093 Datasheet HTML 5Page - EPCOS B5093 Datasheet HTML 6Page - EPCOS B5093 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Aug 17, 2009
B5093
140.00 MHz
SAW Components
SAW IF filter
Datasheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–35 to 75 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
140.0
—
MHz
Minimum insertion attenuation
α
min
—
6.0
7.5
dB
(including matching network)
Passband bandwidth
α
rel <= 1 dB
B1dB
7.5
8.0
—
MHz
α
rel <= 3 dB
B3dB
8.4
8.8
—
MHz
α
rel <= 35 dB
B35dB
—
12.6
13.0
MHz
Amplitude ripple (p-p)
∆α
fN ± 2.6 MHz
—
0.35
1.0
dB
Group delay ripple (p-p)
∆τ
fN ± 2.6 MHz
—
87
150
ns
Absolute group delay at
fN
τ
—
1.07
—
µs
Relative attenuation (relative to
α
min)
α
rel
10.00 MHz ... 132.00 MHz
40
55
—
dB
148.00 MHz ... 153.00 MHz
35
40
—
dB
153.00 MHz ... 250.00 MHz
40
45
—
dB
Triple Transit Suppression
30
37
—
dB
Temperature coefficient of frequency
TCf
—
-86
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com