Electronic Components Datasheet Search
  English  ▼

X  

FKID Datasheet(PDF) 2 Page - Schurter Inc.

Part # FKID
Description  IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 2-pole, Line Switch 2-pole
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FKID Datasheet(HTML) 2 Page - Schurter Inc.

  FKID Datasheet HTML 1Page - Schurter Inc. FKID Datasheet HTML 2Page - Schurter Inc. FKID Datasheet HTML 3Page - Schurter Inc. FKID Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image

Power Entry Modules with Line Filter
FKID
www.schurter.com/pg06
EMC Products
Dimensions
67mm
Case 45
recommend for new designs
40
49.5
40
R1
6.3x0.8
28
R3
61.5
50±0.5
50
67
28.7
±0.5
±0.5
5.5
14
29.5
3.5
±0.15
M3
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Inductances
L [mH]
Capacitance
CX [nF]
Capacity
Cy [nF]
Capacity
Cy [nF]
R [M
Ω]
1
Standard Version
2 x 10
68
1.5
1
1
2
Standard Version
2 x 4
68
1.5
1
1
4
Standard Version
2 x 1.5
68
1.5
1
1
6
Standard Version
2 x 0.8
68
1.5
1
1
10
Standard Version
2 x 0.3
68
1.5
1
1
1
Medical Version (M5)
2 x 10
68
-
-
1
2
Medical Version (M5)
2 x 4
68
-
-
1
4
Medical Version (M5)
2 x 1.5
68
-
-
1
6
Medical Version (M5)
2 x 0.8
68
-
-
1
10
Medical Version (M5)
2 x 0.3
68
-
-
1
Diagrams
Standard version
1) Line
2) only FKID
3) Load
Medical version
N
PE
L
Cx
L1
L2
N’
PE’
L’
R
Cx
F2
F1
L1
L2
1)
2)
1) Line
2) Load
Derating Curves
2-pole
0
20
40
60
80
100
0.2
0.0
I = << In
I = 0.7 In
I = 1.0 In
1.6
0.6
0.4
0.8
1.2
1.0
1.4
Ambient air temperature Ta °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com