Electronic Components Datasheet Search
  English  ▼

X  

B5106 Datasheet(PDF) 3 Page - EPCOS

Part # B5106
Description  SAW IF Filter for Base Stations WiMax
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5106 Datasheet(HTML) 3 Page - EPCOS

  B5106 Datasheet HTML 1Page - EPCOS B5106 Datasheet HTML 2Page - EPCOS B5106 Datasheet HTML 3Page - EPCOS B5106 Datasheet HTML 4Page - EPCOS B5106 Datasheet HTML 5Page - EPCOS B5106 Datasheet HTML 6Page - EPCOS B5106 Datasheet HTML 7Page - EPCOS B5106 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
January 13, 2009
B5106
520.0 MHz
SAW Components
SAW IF Filter
Data-sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= -40 to +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
520
—
MHz
Maximum insertion attenuation
α
max
fN ± 11.5 MHz
—
2.2
3.0
dB
Group delay ripple (p-p)
∆τ
fN ± 11.5 MHz
—
0.040
—
µs
Amplitude ripple (p-p)
∆α
fN ± 11.5 MHz
—
0.6
1.0
dB
Relative attenuation (relative to
α
min)
α
rel
fN ± 11.5 MHz
1.0
0.6
—
dB
fN − 30.0 MHz
7.0
13.0
—
dB
fN + 30.0 MHz
13.0
19.0
—
dB
460.0 MHz
35.0
48.0
—
10.0
...
450.0 MHz
30.0
48.0
—
dB
580.0
...
590.0 MHz
25.0
36.0
—
dB
590.0
...
1100.0 MHz
30.0
43.0
—
dB
Return loss
fN ± 11.5 MHz
10.0
16.0
—
dB
Temperature coeficient of frequency
TCf
—
-64
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com