Electronic Components Datasheet Search
  English  ▼

X  

B5113 Datasheet(PDF) 3 Page - EPCOS

Part # B5113
Description  SAW RF filter Basestation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5113 Datasheet(HTML) 3 Page - EPCOS

  B5113 Datasheet HTML 1Page - EPCOS B5113 Datasheet HTML 2Page - EPCOS B5113 Datasheet HTML 3Page - EPCOS B5113 Datasheet HTML 4Page - EPCOS B5113 Datasheet HTML 5Page - EPCOS B5113 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
February 23, 2009
B5113
787.0 MHz
SAW Components
SAW RF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
787.0
MHz
Maximum insertion attenuation
α
max
fN ± 11 MHz
2.1
3.0
dB
Amplitude ripple (p-p)
∆α
fN ± 11 MHz
1.0
2.0
dB
Return loss (input / output)
fN ± 11 MHz
10.0
12.0
dB
Absolute attenuation
α
0.3
...
746.0
MHz
35
44
dB
746.0
...
756.0
MHz
32
40
dB
756.0
...
763.0
MHz
20
31
dB
763.0
...
768.0
MHz
15
24
dB
860.0
...
885.0
MHz
35
45
dB
885.0
... 1200.0
MHz
30
43
dB
1200.0
... 2500.0
MHz
20
30
dB
2500.0
... 3500.0
MHz
10
25
dB
Temperature coefficient of frequency
TCf
-36
ppm/K
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulses.
V
machine model, 1 pulse
Input power
PIN
10
dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com